PART |
Description |
Maker |
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X10A W25X10AVDAIZ W25X10AVSNIG W25X10AVZPIG |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AM45DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
MSM538052E MSM538052E-XXGS-K MSM538052E-XXRS MSM53 |
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI SEMICONDUCTOR CO., LTD.
|
MSM538052E MSM538052E-XXGS-K MSM538052E-XXRS MSM53 |
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI electronic componets
|